| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 80 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 80 Page - Freescale Semiconductor, Inc |
|
80 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 80 Freescale Semiconductor are used. If the CPU attempts to execute one of the unimplemented opcodes on page 2, an opcode trap interrupt occurs. Traps are essentially interrupts that share the $FFF8:$FFF9 interrupt vector. The RTI instruction is used to terminate all exception handlers, including interrupt service routines. RTI first restores the CCR, B:A, X, Y, and the return address from the stack. If no other interrupt is pending, normal execution resumes with the instruction following the last instruction that executed prior to interrupt. Table 5-22 is a summary of interrupt instructions. Table 5-22. Interrupt Instructions Mnemonic Function Operation RTI Return from interrupt (M(SP)) ⇒ CCR; (SP) + $0001 ⇒ SP (M(SP) : M(SP+1)) ⇒ B : A; (SP) + $0002 ⇒ SP (M(SP) : M(SP+1)) ⇒ XH : XL; (SP) + $0004 ⇒ SP (M(SP) : M(SP+1)) ⇒ PCH : PCL; (SP) + $0002 ⇒ SP (M(SP) : M(SP+1)) ⇒ YH : YL; (SP) + $0004 ⇒ SP SWI Software interrupt SP – 2 ⇒ SP; RTNH : RTNL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; YH : YL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; XH : XL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; B : A ⇒ M(SP) : M(SP+1) SP – 1 ⇒ SP; CCR ⇒ M(SP) TRAP Unimplemented opcode interrupt SP – 2 ⇒ SP; RTNH : RTNL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; YH : YL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; XH : XL ⇒ M(SP) : M(SP+1) SP – 2 ⇒ SP; B : A ⇒ M(SP) : M(SP+1) SP – 1 ⇒ SP; CCR ⇒ M(SP) |