| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 100 Freescale Semiconductor Operation: (A) + (B) ⇒ A Description: Adds the content of accumulator B to the content of accumulator A and places the result in A. The content of B is not changed. This instruction affects the H status bit so it is suitable for use in BCD arithmetic operations. See DAA instruction for additional information. ABA Add Accumulator B to Accumulator A ABA CCR Details: S X HIN Z V C –– ∆ – ∆∆∆∆ H: A3 • B3 + B3 • R3 + R3 • A3 Set if there was a carry from bit 3; cleared otherwise N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: A7 • B7 • R7 + A7 • B7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: A7 • B7 + B7 • R7 + R7 • A7 Set if there was a carry from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ABA INH 18 06 OO OO |