| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 56 Freescale Semiconductor accumulate operations, table interpolation, and specialized fuzzy logic operations that involve mathematical calculations. Refer to Section 6. Instruction Glossary for detailed information about individual instructions. Appendix A. Instruction Reference contains quick-reference material, including an opcode map and postbyte encoding for indexed addressing, transfer/exchange instructions, and loop primitive instructions. 5.3 Load and Store Instructions Load instructions copy memory content into an accumulator or register. Memory content is not changed by the operation. Load instructions (but not LEA_ instructions) affect condition code bits so no separate test instructions are needed to check the loaded values for negative or 0 conditions. Store instructions copy the content of a CPU register to memory. Register/accumulator content is not changed by the operation. Store instructions automatically update the N and Z condition code bits, which can eliminate the need for a separate test instruction in some programs. Table 5-1 is a summary of load and store instructions. Table 5-1. Load and Store Instructions Mnemonic Function Operation Load Instructions LDAA Load A (M) ⇒ A LDAB Load B (M) ⇒ B LDD Load D (M : M + 1) ⇒ (A:B) LDS Load SP (M : M + 1) ⇒ SPH:SPL LDX Load index register X (M : M + 1) ⇒ XH:XL LDY Load index register Y (M : M + 1) ⇒ YH:YL LEAS Load effective address into SP Effective address ⇒ SP LEAX Load effective address into X Effective address ⇒ X LEAY Load effective address into Y Effective address ⇒ Y Continued on next page |