| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 59 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 59 Page - Freescale Semiconductor, Inc |
|
59 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 59 5.6 Addition and Subtraction Instructions Signed and unsigned 8- and 16-bit addition can be performed between registers or between registers and memory. Special instructions support index calculation. Instructions that add the carry bit in the condition code register (CCR) facilitate multiple precision computation. Signed and unsigned 8- and 16-bit subtraction can be performed between registers or between registers and memory. Special instructions support index calculation. Instructions that subtract the carry bit in the CCR facilitate multiple precision computation. Refer to Table 5-4 for addition and subtraction instructions. Load effective address (LEAS, LEAX, and LEAY) instructions could also be considered as specialized addition and subtraction instructions. See 5.25 Pointer and Index Calculation Instructions for more information. Table 5-4. Addition and Subtraction Instructions Mnemonic Function Operation Addition Instructions ABA Add B to A (A) + (B) ⇒ A ABX Add B to X (B) + (X) ⇒ X ABY Add B to Y (B) + (Y) ⇒ Y ADCA Add with carry to A (A) + (M) + C ⇒ A ADCB Add with carry to B (B) + (M) + C ⇒ B ADDA Add without carry to A (A) + (M) ⇒ A ADDB Add without carry to B (B) + (M) ⇒ B ADDD Add to D (A :B) + (M : M + 1) ⇒ A : B Subtraction Instructions SBA Subtract B from A (A) – (B) ⇒ A SBCA Subtract with borrow from A (A) – (M) – C ⇒ A SBCB Subtract with borrow from B (B) – (M) – C ⇒ B SUBA Subtract memory from A (A) – (M) ⇒ A SUBB Subtract memory from B (B) – (M) ⇒ B SUBD Subtract memory from D (A :B) (D) – (M : M + 1) ⇒ D |