| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 61 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 61 Page - Freescale Semiconductor, Inc |
|
61 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 61 5.8 Decrement and Increment Instructions The decrement and increment instructions are optimized 8- and 16-bit addition and subtraction operations. They are generally used to implement counters. Because they do not affect the carry bit in the CCR, they are particularly well suited for loop counters in multiple-precision computation routines. Refer to 5.20 Loop Primitive Instructions for information concerning automatic counter branches. Table 5-6 is a summary of decrement and increment instructions. Table 5-6. Decrement and Increment Instructions Mnemonic Function Operation Decrement Instructions DEC Decrement memory (M) – $01 ⇒ M DECA Decrement A (A) – $01 ⇒ A DECB Decrement B (B) – $01 ⇒ B DES Decrement SP (SP) – $0001 ⇒ SP DEX Decrement X (X) – $0001 ⇒ X DEY Decrement Y (Y) – $0001 ⇒ Y Increment Instructions INC Increment memory (M) + $01 ⇒ M INCA Increment A (A) + $01 ⇒ A INCB Increment B (B) + $01 ⇒ B INS Increment SP (SP) + $0001 ⇒ SP INX Increment X (X) + $0001 ⇒ X INY Increment Y (Y) + $0001 ⇒ Y |