| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 241 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 241 Page - Freescale Semiconductor, Inc |
|
241 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 241 Operation: 0 – (B) = (B) + 1 ⇒ B Description: Replaces the content of accumulator B with its two’s complement (the value $80 is left unchanged). NEGB Negate B NEGB CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: R7 • R6 • R5 • R4 • R3 • R2 • R1 • R0 Set if there is a two’s complement overflow from the implied subtraction from zero; cleared otherwise Two’s complement overflow occurs if and only if (B) = $80 C: R7 + R6 + R5 + R4 + R3 + R2 + R1 + R0 Set if there is a borrow in the implied subtraction from zero; cleared otherwise Set in all cases except when (B) = $00 Source Form Address Mode Object Code Access Detail HCS12 M68HC12 NEGB INH 50 O O |