| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12 bảng dữ liệu(PDF) 247 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 bảng dữ liệu(HTML) 247 Page - Freescale Semiconductor, Inc |
|
247 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 247 Operation: (SP) – $0001 ⇒ SP (B) ⇒ M(SP) Description: Stacks the content of accumulator B. The stack pointer is decremented by one. The content of B is then stored at the address the SP points to. Push instructions are commonly used to save the contents of one or more CPU registers at the start of a subroutine. Complementary pull instructions can be used to restore the saved CPU registers just before returning from the subroutine. PSHB Push B onto Stack PSHB CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 PSHB INH 37 Os Os |