công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1208 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1208 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1204Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1205Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1206Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1210Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1211Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1208 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1178 of 1342
REJ09B0467-0100
Table 25.2
Oscillation Stabilization Time Settings
φ* [MHz]
STS3 STS2 STS1 STS0
Standby
Time
33
25
20
13
10
8
Unit
0
0
0
0
Reserved
µs
1
Reserved
1
0
Reserved
1
Reserved
1
0
0
Reserved
1
64
1.9
2.6
3.2
4.9
6.4
8.0
1
0
512
15.5
20.5
25.6
39.4
51.2
64.0
1
1024
31.0
41.0
51.2
78.8
102.4
128.0
1
0
0
0
2048
62.1
81.9
102.4
157.5
204.8
256.0
1
4096
0.12
0.16
0.20
0.32
0.41
0.51
ms
1
0
16384
0.50
0.66
0.82
1.26
1.64
2.05
1
32765
0.99
1.31
1.64
2.52
3.28
4.10
1
0
0
65536
1.99
2.62
3.28
5.04
6.55
8.19
1
131072
3.97
5.24
6.55
10.08
13.11
16.38
1
0
262144
7.94
10.49
13.11
20.16
26.21
32.77
1
524288
15.89
20.97
26.21
40.33
52.43
65.54
Note:
*
φ is the frequency divider output.
(4) Software Standby Mode Application Example
Figure 25.2 shows an example in which a transition is made to software standby mode at the
falling edge on the NMI pin, and software standby mode is cleared at the rising edge on the NMI
pin.
In this example, after an NMI interrupt is accepted with the NMIEG bit in INTCR cleared to 0
(falling edge specification), the NMIEG bit is set to 1 (rising edge specification). And after the
SSBY bit is set to 1, a SLEEP instruction is executed, causing a transition to software standby
mode.
Software standby mode is then cleared at the rising edge on the NMI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com