| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2454 bảng dữ liệu(PDF) 1207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 bảng dữ liệu(HTML) 1207 Page - Renesas Technology Corp |
|
1207 / 1376 page ![]() Section 25 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1177 of 1342 REJ09B0467-0100 (2) Clearing Software Standby Mode Software standby mode is cleared by an external interrupt (NMI pin, or pins IRQ0 to IRQ15*), an internal interrupt (resume of USB), or by means of the RES pin or STBY pin. Setting the SSI bit in SSIER to 1 enables IRQ0 to IRQ15* to be used as software standby mode clearing sources. • Clearing with an Interrupt: When an NMI or IRQ0 to IRQ15* interrupt request signal is input, or if the USB module receives the resume signal from up-stream in the suspended state, USB clock oscillation starts, and stable clocks are supplied to the entire LSI after the elapse of the time set in bits STS3 to STS0 in SBYCR. Then, software standby mode is cleared, and interrupt exception handling is started. When clearing software standby mode with an IRQ0 to IRQ15* interrupt, set the corresponding enable bit to 1 and ensure that no interrupt with a higher priority than interrupts IRQ0 to IRQ15* is generated. Software standby mode cannot be cleared if the interrupt has been masked on the CPU side or has been designated as a DTC activation source. Note: * IRQ8 to IRQ15 are not supported by the H8S/2454 group. • Clearing with the RES Pin: When the RES pin is driven low, clock oscillation is started. At the same time as clock oscillation starts, clocks are supplied to the entire LSI. Note that the RES pin must be held low until clock oscillation stabilizes. When the RES pin goes high, the CPU begins reset exception handling. • Clearing with the STBY Pin: When the STBY pin is driven low, a transition is made to hardware standby mode. Note: * The IRQ8 to IRQ15 are not supported by the H8S/2454 group. (3) Setting Oscillation Stabilization Time after Clearing Software Standby Mode Bits STS3 to STS0 in SBYCR should be set as described below. • Using a Crystal Resonator: Set bits STS3 to STS0 so that the standby time is more than the oscillation stabilization time. Table 25.2 shows the standby times for operating frequencies and settings of bits STS3 to STS0. • Using an External Clock: A PLL circuit stabilization time is necessary. See table 25.2 to set the wait time. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |