công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1211 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1211 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1210Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1211Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1212Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1213Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1214Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1211 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1181 of 1342
REJ09B0467-0100
(1) Power supply
RES
(2) Reset period
(3) Hardware standby mode
STBY
Figure 25.4 Hardware Standby Mode Timing when Power Is Supplied
25.2.5
Module Stop Function
Module stop function can be set for individual on-chip peripheral modules.
When an MSTP bit in MSTPCR, EXMSTPCR, or RMMSTPCR is set to 1, the corresponding
module stops operation at the end of the bus cycle and a transition is made to module stop state.
The CPU continues operating independently.
When an MSTP bit is cleared to 0, the corresponding module stop state is cleared and the module
starts operating at the end of the bus cycle. In module stop state, part of SCI registers and the
internal state of SSU are reset but the internal states of the other modules are retained.
After reset clearance, all modules other than the EXDMAC*, DMAC, DTC, and on-chip RAM are
in module stop state.
The module registers that are set in module stop state cannot be read or written to.
The module-stop function for RAM is only effective for on-chip RAM. When an area of on-chip
RAM is set up as an external address space by bits RAME and EXPE in SYSCR, the resulting
external space is accessible regardless of the module-stop setting. Table 25.3 lists the kinds of
operation in case of access to the on-chip RAM area.
Note: * The EXDMAC is not supported by the H8S/2454 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com