công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1212 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1212 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1210Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1211Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1212Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1213Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1214Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1215Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1212 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1182 of 1342
REJ09B0467-0100
Table 25.3
Combinations of SYSCR Settings and Operation in Access to On-Chip RAM
Register Settings
RAME
EXPE
mstp
Target for Access Description
1
This area is not readable/writable and access is
prohibited.
1
X
0
On-chip RAM
1
X
External address
space
0
0
X
This area is not readable/writable and access is
prohibited.
25.2.6
All Module Clocks Stop Mode
When the ACSE bit in MSTPCRH is set to 1 and module stop mode is set for all the on-chip
peripheral functions controlled by MSTPCR or EXMSTPCR (MSTPCR = H'FFFF, EXMSTPCR
= H'FFFF), or for all the on-chip peripheral functions except the 8-bit timer (MSTPCR = H'FFFE,
EXMSTPCR = H'FFFF), executing a SLEEP instruction while the SSBY bit in SBYCR is cleared
to 0 will cause all the on-chip peripheral functions (except the 8-bit timer and watchdog timer), the
bus controller, and the I/O ports to stop operating, and a transition to be made to all module clocks
stop mode at the end of the bus cycle.
Operation or stopping of the 8-bit timer can be selected by means of the MSTP0 bit.
To further reduce the current consumption in all module clocks stop mode, stop the modules
controlled by RMMSTPCR (RMMSTPCR = H'FFFF).
All module clocks stop mode is cleared by an external interrupt (NMI,
IRQ0 to IRQ15* pins),
RES pin input, or an internal interrupt (8-bit timer, watchdog timer), and the CPU returns to the
normal program execution state via the exception handling state. All module clocks stop mode is
not cleared if interrupts are disabled, if interrupts other than NMI are masked by the CPU, or if the
relevant interrupt is designated as a DTC activation source.
When the
STBY pin is driven low, a transition is made to hardware standby mode.
Note: *
IRQ8 to IRQ15 are not supported by the H8S/2454 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com