công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1210 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1210 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1206Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1210Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1211Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1212Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1213Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1210 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1180 of 1342
REJ09B0467-0100
(2) Clearing Hardware Standby Mode
Hardware standby mode is cleared by means of the
STBY pin and the RES pin. When the STBY
pin is driven high while the
RES pin is low, the reset state is set and clock oscillation is started.
Ensure that the
RES pin is held low until the clock oscillator stabilizes (for details on the
oscillation stabilization time, see table 25.2). When the
RES pin is subsequently driven high, a
transition is made to the program execution state via the reset exception handling state.
(3) Hardware Standby Mode Timing
Figure 25.3 shows an example of hardware standby mode timing.
When the
STBY pin is driven low after the RES pin has been driven low, a transition is made to
hardware standby mode. Hardware standby mode is cleared by driving the
STBY pin high,
waiting for the oscillation stabilization time, then changing the
RES pin from low to high.
Oscillator
RES
STBY
Oscillation
stabilization
time
Reset
exception
handling
Figure 25.3 Hardware Standby Mode Timing
(4) Hardware Standby Mode Timing when Power Is Supplied
When entering hardware standby mode immediately after the power is supplied, the
RES signal
must be driven low for a given period with retaining the
STBY signal high. After the RES signal is
canceled, drive the
STBY signal low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com