công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1206 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1206 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1202Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1203Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1204Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1205Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1206Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1209Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1206 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1176 of 1342
REJ09B0467-0100
(2) Exiting Sleep Mode
Sleep mode is exited by any interrupt, or signals at the
RES, or STBY pins.
• Exiting Sleep Mode by Interrupts:
When an interrupt occurs, sleep mode is exited and interrupt exception processing starts. Sleep
mode is not exited if the interrupt is disabled, or interrupts other than NMI are masked by the
CPU.
• Exiting Sleep Mode by RES Pin:
Setting the
RES pin level low selects the reset state. After the stipulated reset input duration,
driving the
RES pin high starts the CPU performing reset exception processing.
• Exiting Sleep Mode by STBY Pin:
When the
STBY pin level is driven low, a transition is made to hardware standby mode.
25.2.3
Software Standby Mode
(1) Transition to Software Standby Mode
If a SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1, software standby
mode is entered. In this mode, the CPU, on-chip peripheral functions, and oscillator all stop.
However, the contents of the CPU’s internal registers, RAM data, and the states of on-chip
peripheral functions other than the SCI, IIC, and SSU, and the states of I/O ports, are retained.
Whether the address bus and bus control signals are placed in the high-impedance state or retain
the output state can be specified by the OPE bit in SBYCR.
In this mode the oscillator stops, and therefore power dissipation is significantly reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com