công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1205 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1205 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1201Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1202Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1203Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1204Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1205Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1206Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1207Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1208Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1205 / 1376 page
background image
Section 25 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1175 of 1342
REJ09B0467-0100
25.2
Operation
25.2.1
Clock Division Mode
When bits STC1 and STC0 in PLLCR are set to 11, a transition is made to clock division mode,
and the system clock frequency is divided with respect to the oscillator frequency. Clock division
mode is cancelled by clearing bits STC1 and STC0 to a value other than 11. The timings of
transition and clearing depend on the STCS bit setting in SCKCR. For the operation at transition
and clearing, see section 24.3, System-Clock PLL Circuit and Divider.
If a SLEEP instruction is executed while the SSBY bit in SBYCR is cleared to 0, the chip enters
sleep mode. When sleep mode is cleared by an interrupt, clock division mode is restored.
If a SLEEP instruction is executed while the SSBY bit in SBYCR is set to 1, the chip enters
software standby mode. When software standby mode is cleared by an external or internal
interrupt, clock division mode is restored.
When the
RES pin is driven low, the reset state is entered and clock division mode is cleared. The
same applies to a reset caused by watchdog timer overflow.
When the
STBY pin is driven low, a transition is made to hardware standby mode.
25.2.2
Sleep Mode
(1) Transition to Sleep Mode
When the SLEEP instruction is executed while the SSBY bit is 0 in SBYCR, the CPU enters the
sleep mode. In sleep mode, CPU operation stops but the contents of the CPU’s internal registers
are retained. Other peripheral functions do not stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com