công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1150 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1150 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1150 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1120 of 1342
REJ09B0467-0100
After automatic writing is completed, the result can be checked through the FMPRSF bit in
FMRSTR (see section 22.7, Full Status Check).
Once an address is programmed, no additional data can be written to the address. Figure 22.6
shows a flowchart of the program command processing.
In the EW0 mode, the read status register mode is entered as soon as automatic writing starts, and
the status register can be read. The SR7 bit in the status register becomes 0 when automatic
writing starts and returns to 1 when writing is completed. In this case, the flash memory stays in
the read status register mode until a read array command is issued. After automatic writing is
completed, the result of writing can be checked by reading the status register.
NO
YES
Note: Write the command code and data to even addresses.
Start
Write command code "H'xx41"
to the target write address.
Write data to
the target write address.
FMRDY = 1?
Full status check
End of programming
Figure 22.6 Flowchart of Program Command Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com