| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2454 bảng dữ liệu(PDF) 1149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 bảng dữ liệu(HTML) 1149 Page - Renesas Technology Corp |
|
1149 / 1376 page ![]() Section 22 Flash Memory Rev. 1.00 Sep. 19, 2008 Page 1119 of 1342 REJ09B0467-0100 22.5.1 Read Array This command reads the flash memory. Write H'xxFF in the first bus cycle to shift the flash memory into the read array mode. Specify the target read address in the next bus cycle, and data is read from the address in 16-bit units. As the flash memory stays in the read array mode until another command is issued, multiple addresses can be read in sequence. 22.5.2 Read Status Register This command reads the status register. Write H'xx70 in the first bus cycle, and the status register can be read in the second bus cycle (see section 22.6, Status Register). Specify an even address in the program ROM or data flash to read the status register. Do not issue this command in the EW1 mode. 22.5.3 Clear Status Register This command clears the status register. Write H'xx50 in the first bus cycle, and the FMERSF and FMPRSF bits in FLMSTR are cleared to 0. 22.5.4 Program This command writes data to the flash memory in 2-word (4-byte) units. Write H'xx41 in the first bus cycle and write data to the target address in the second and third bus cycles; the flash memory starts automatic writing (programming and verifying data). The address value specified in the first bus cycle should be the same even address as that specified in the second bus cycle. Completion of automatic writing can be checked through the FMRDY bit in FLMSTR. The FMRDY bit is 0 (busy) during automatic writing and becomes 1 (ready) when writing is completed. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |