công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1148 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1148 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1148 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1118 of 1342
REJ09B0467-0100
22.5
Software Commands
The following describes the software commands. A command or data should be read or written in
16-bit units at an even address in the user ROM or data flash area. When a command code is
written, the upper eight bits (D15 to D8) are ignored.
Table 22.6
List of Software Commands
First Bus Cycle
Second Bus Cycle
Third Bus Cycle
Software
Command
Mode Address
Data
(D15 to
D0)
Mode Address
Data
(D15 to
D0)
Mode Address
Data
(D15 to
D0)
Read array
Write
×
H’xxFF
Read status
register
Write
×
H’xx70
Read
×
SRD
Clear status
register
Write
×
H’xx50
Program
Write
WA0
H’xx41
Write
WA0
WD0
Write
WA1
WD1
Block erase
Write
×
H’xx20
Write
BA
H’xxD0
Block blank
check
Write
×
H’Xx25
Write
BA
H’xxD0
Legend:
SRD: Status register data (D7 to D0)
WA0: Address to write the lower word (the address for the first bus cycle must be the same
even address as that for the second bus cycle).
WA1: Address to write the upper word
WD0: Lower word of write data (16 bits)
WD1: Upper word of write data (16 bits)
BA:
Highest address of the block (note that this should be an even address).
×:
A desired even address in program ROM1, program ROM2, or data flash.
xx:
Upper eight bits of command code (ignored)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com