công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1146 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1146 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1146 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1116 of 1342
REJ09B0467-0100
EW0 mode processing procedures
Single-chip mode or
memory-expanded mode
Transfer the programming control program
to an area outside the flash memory. *3
Set the FLSHE in SYSCR.
Set the FMCMDENT in FLMCR1 to 1.
Set the CBIDB in FLMCR to 1.
Write 0 to the FMCMDEN bit and then write 1
to it (user programming mode enabled).*1
Clear CBIDB to 0.
Execute software commands.
Execute a read array command.*2
Write 1 to the CBIDB bit (user programming mode
disabled).
Jump to a desired address in the flash memory.
Jump to the programming control program transferred
to an area outside the flash memory.
(The subsequent processing should be done by
the transferred programming control program.)
1.
2.
3.
To set the FMCMDEN bit to 1, write 0 to the bit and then write 1 to it in a row.
Write to the FMCMDEN bit from an area outside the on-chip flash memory.
After a read array command, disable user programming mode.
In user programming mode, execute the programming control program in
the on-chip RAM area.
Notes:
Programming control program*3
Figure 22.5 Setting and Clearing EW0 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com