công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1145 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1145 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1145 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1115 of 1342
REJ09B0467-0100
Table 22.5
EW0 Mode Specifications
Item
Description
Operating mode
• Single-chip mode
• Memory-expanded mode
Area for storing the programming
control program
User ROM
Area for executing the
programming control program
The programming control program should be transferred to an
area outside the flash memory (such as RAM) before
execution*
2
Programmable area
User ROM
Limitations on software
commands
None
Mode after programming or
erasure
Read status register mode
CPU state during automatic
programming or erasure
Operating*
1
Flash memory status detection
• Reading the FMPRSF and FMERSF bits in FLMSTR by a
program.
• Executing a read status register command to read the SR7,
SR5, and SR4 bits in the status register.
Notes: 1. Make sure that no interrupt (except NMI) or DMA transfer is generated.
2. In the user programming mode, the programming control program should be executed
in the on-chip RAM or an external area.
22.3.4
EW0 Mode
Setting the FMCMDEN bit in FLMCR1 to 1 shifts the flash memory into the user programming
mode, in which commands can be accepted. Figure 22.5 shows how to set and clear the EW0
mode.
Programming and erasure are controlled through software commands. The flash memory state
after programming or erasure can be checked through FLMSTR or the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com