công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1141 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1141 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1141 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1111 of 1342
REJ09B0467-0100
RxD1
TxD1
Software for
analyzing
control
commands
(on-chip)
Flash
memory
On-chip
RAM
SCI_1
This LSI P27 and P26
MD2 to MD0
00
011
Host
Programming
tool and program
data
Control command,
program data
Response
Figure 22.2 System Configuration in SCI Boot Mode
22.3.2
USB Boot Mode
USB boot mode executes programming/erasing of the user MAT by means of the control
command and program data transmitted from the externally connected host via the USB.
In USB boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The system configuration in USB boot mode is shown
in figure 22.3. Interrupts are ignored in USB boot mode. Configure the user system so that
interrupts do not occur.
Host or
self-power HUB
Programming tool
and program data
Software for
analyzing
control
commands
(on-chip)
This LSI
Flash
memory
On-chip
RAM
USB
P27 and P26
MD2 to MD0
P20
01, 10, 11 (depending on the
input frequency)
011
P17
0: Self power setting
1: Bus power setting
VBUS
USB+
USB-
Rs
Data transmission/
reception
Rs
1.5 k
Ω
Figure 22.3 System Configuration in USB Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com