công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1140 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1140 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1140 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1110 of 1342
REJ09B0467-0100
22.3
On-Board Programming Mode
When the mode pins (MD0, MD1, and MD2) are set to on-board programming mode and the reset
start is executed, a transition is made to on-board programming mode in which the on-chip flash
memory can be programmed/erased. On-board programming mode has three operating modes:
SCI boot mode by P27 and P26 settings, USB boot mode, and user program mode.
Table 22.3 shows the pin setting for each operating mode.
Table 22.3
On-Board Programming Mode Setting
Mode Setting
EMLE MD2
MD1
MD0
P27
P26
Input clock frequencies
for oscillators
SCI boot mode
0
1
1
0
0
0
1
1
0
1
16MHz
0
1
1
1
0
12MHz
USB boot mode
0
1
1
1
1
8MHz
User programming mode
0
Mode 4, Mode 7
22.3.1
SCI Boot Mode
SCI boot mode executes programming/erasing of the user MAT by means of the control command
and program data transmitted from the externally connected host via the on-chip SCI_1.
In SCI boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The serial communication mode is set to asynchronous
mode. The system configuration in SCI boot mode is shown in figure 22.2. Interrupts are ignored
in SCI boot mode. Configure the user system so that interrupts do not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com