công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1147 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1147 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1147 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1117 of 1342
REJ09B0467-0100
22.4
Notes on User Programming Mode
22.4.1
Prohibited Interrupts (EW0 Mode)
• The NMI and watchdog timer interrupts can be used because FLMCR1 is forcibly initialized
when an interrupt is generated; specify the destination address of each interrupt routine in the
fixed vector table. Flash memory programming is terminated when an NMI interrupt or a
watchdog timer interrupt occurs. In this case, reexecute the programming program after the
interrupt routine is completed.
• The address-match interrupt cannot be used because the interrupt processing accesses data in
the flash memory.
22.4.2
Access Method
To set the FMCMDEN bit to 1, be sure to write 0 to the bit and then write 1 in a row. Make sure
that no interrupt, EXDMAC transfer, DTC transfer, or DMA transfer is generated between writing
0 and 1.
22.4.3
Programming (EW0 Mode)
If the power-supply voltage falls during programming of the block that stores the programming
control program, the programming control program cannot be correctly modified and the flash
memory may not be programmed after that. In this case, use the on-board programming mode or
programmer mode instead.
22.4.4
Writing Commands or Data
The address to write a command code or data should be a multiple of four (0, 4, 8, C, ...).
22.4.5
Software Standby Mode
Before entering the stop mode, set the FMCMDEN bit to 0 (CPU programming mode disabled),
disable the DMA transfer, and then make a transition to the software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com