công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1151 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1151 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1151 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1121 of 1342
REJ09B0467-0100
22.5.5
Block Erase
Write H'xx20 in the first bus cycle and H'xxD0 to the highest address (an even address) of the
target block in the second cycle; automatic erasure (erasing data and verifying the erased status)
starts in the specified block.
Completion of automatic erasure can be checked through the FMRDY bit in FLMSTR.
The FMRDY bit is 0 (busy) during automatic erasure and becomes 1 (ready) when erasure is
completed.
After automatic erasure is completed, the result can be checked through the FMERSF bit in
FLMSTR (see section 22.7, Full Status Check).
Figure 22.7 shows a flowchart of the block erase command processing.
In the EW0 mode, the read status register mode is entered as soon as automatic erasure starts, and
the status register can be read. The SR7 bit in the status register becomes 0 when automatic
erasure starts and returns to 1 when erasure is completed. In this case, the flash memory stays in
the read status register mode until a read array command is issued. If an erase error occurs, repeat
a sequence of the clear status register command to block erase command at least three times until
no erase error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com