công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1154 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1154 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1154 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1124 of 1342
REJ09B0467-0100
22.6
Status Register
The status register indicates the state of flash memory operation and whether erasure or
programming has ended successfully or with an error. The status register contents can be read
through the FMRDY, FMPRSF, and FMERSF bits in FLMSTR.
Table 22.7 shows the status register.
In the EW0 mode, the status register can be read with the following timing.
•
When a read status register command is issued and then an even address in the user ROM or
data flash is read
•
When a program command, a block erase command, or a block blank check command is
issued and then an even address in the user ROM or data flash is read before a read array
command is issued
Table 22.7
Status Register
Status
Bits in Status
Register
Bits in
FMLSTR
Status Name
0
1
Value after
Reset
SR0 (D0)
Reserved
SR1 (D1)
Reserved
SR2 (D2)
Reserved
SR3 (D3)
Reserved
SR4 (D4)
FMPRSF
Programming
status
Completed
successfully
Ended with
error
0
SR5 (D5)
FMERSF
Erase status
Completed
successfully
Ended with
error
0
SR6 (D6)
Reserved
SR7 (D7)
FMRDY
Sequencer status Busy
Ready
1
Legend:
D0 to D7: Data bus from which the bit is read when a read status register command is
issued.
Note:
The FMERSF (SR5) and FMPRSF (SR4) bits are cleared to 0 by a clear status register
command.
When the FMERSF (SR5) or FMPRSF (SR4) bit is 1, the program, block erase, and block
blank check commands are not accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com