công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1156 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1156 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1152Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1153Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1154Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1155Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1156Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1157Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1158Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1159Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1156 / 1376 page
background image
Section 22 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1126 of 1342
REJ09B0467-0100
22.7
Full Status Check
When an error occurs, the FMERSF or FMPRSF bit in FLMSTR becomes 1 to indicate
occurrence of the error. Read these status bits (full status check) to check the operation results.
Table 22.8 shows the errors and FLMSTR status and figure 22.9 shows a flowchart of full status
check processing and corrective actions for each error.
Table 22.8
Errors and Register Status
State of FLMSTR
(Status Register)
FMERSF Bit
(SR5)
FMPRSF Bit
(SR4)
Error
Error Conditions
1
1
Command
sequence error
•
When a command is not issued correctly
•
When an invalid value (a value other than
H'xxD0 or H'xxFF) is written in the second
bus cycle of a block erase command*
1
0
Erase error
•
When a block erase command is issued but
the block is not erased correctly
•
When a block blank check command is
issued and the checked block is not blank
0
1
Programming
error
•
When a program command is issued but
automatic writing is not done correctly
Note:
*
When H'xxFF is written in the second bus cycle of this command, the flash memory
enters the read array mode and the command code written in the first bus cycle is
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com