công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1024 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1024 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1028Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1024 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 994 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
4
NAKIE
0
R/W
NACK Receive Interrupt Enable
This bit enables or disables the NACK receive
interrupt request (NAKI) when the NACKF and AL
bits in ICSR are set to 1. NAKI can be canceled by
clearing the NACKF, AL, or NAKIE bit to 0.
0: NACK receive interrupt request (NAKI) is
disabled.
1: NACK receive interrupt request (NAKI) is
enabled.
3
STIE
0
R/W
Stop Condition Detection Interrupt Enable
0: Stop condition detection interrupt request
(STPI) is disabled.
1: Stop condition detection interrupt request
(STPI) is enabled.
2
ACKE
0
R/W
Acknowledge Bit Judgement Select
0: The value of the acknowledge bit is ignored,
and continuous transfer is performed.
1: If the acknowledge bit is 1, continuous transfer
is interrupted.
1
ACKBR
0
R
Receive Acknowledge
In transmit mode, this bit stores the acknowledge
data that are returned by the receive device. This
bit cannot be modified.
0: Receive acknowledge = 0
1: Receive acknowledge = 1
0
ACKBT
0
R/W
Transmit Acknowledge
In receive mode, this bit specifies the bit to be sent
at the acknowledge timing.
0: 0 is sent at the acknowledge timing.
1: 1 is sent at the acknowledge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com