công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1027 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1027 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1030Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1031Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1027 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 997 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
1
AAS
0
R/W
Slave Address Recognition Flag
In slave receive mode, this flag is set to 1 if the first
frame following a start condition matches bits SVA6
to SVA0 in SAR.
[Setting condition]
•
When the slave address is detected in slave
receive mode.
•
When the general call address is detected in
slave receive mode.
[Clearing condition]
•
When 0 is written in AAS after reading AAS=1
0
ADZ
0
R/W
General Call Address Recognition Flag
This bit is valid in slave receive mode.
[Setting condition]
•
When the general call address is detected in
slave receive mode.
[Clearing conditions]
•
When 0 is written in ADZ after reading ADZ=1.
17.3.6
Slave Address Register (SAR)
SAR is an 8-bit readable/writable register that sets slave address. When the chip is in slave mode,
if the upper 7 bits of SAR match the upper 7 bits of the first frame received after a start condition,
the chip operates as the slave device.
Bit
Bit Name
Initial Value
R/W
Description
7 to 1
SVA6 to
SVA0
All 0
R/W
Slave Address 6 to 0
These bits set a unique address in bits SVA6 to
SVA0, differing from the addresses of other slave
devices connected to the I
2C bus.
0
0
R/W
Reserved
This bit is readable/writable. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com