công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1026 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1026 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1027Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1028Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1029Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1030Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1026 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 996 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
4
NACKF
0
R/W
No Acknowledge Detection Flag
[Setting condition]
•
When no acknowledge is detected from the
receive device in transmission while the ACKE bit
in ICIER is 1.
[Clearing condition]
•
When 0 is written in NACKF after reading
NACKF = 1.
3
STOP
0
R/W
Stop Condition Detection Flag
[Setting condition]
•
In master mode, when a stop condition is
detected after frame transfer.
•
In slave mode, when a stop condition is
detected after the general call address or the first
byte slave address, next to detection of start
condition, accords with the address set in SAR.
[Clearing condition]
•
When 0 is written in STOP after reading STOP =
1.
2
AL
0
R/W
Arbitration Lost Flag
This flag indicates that arbitration was lost in master
mode.
When two or more master devices attempt to seize
the bus at nearly the same time, if the I
2C bus
interface detects data differing from the data it sent,
it sets AL to 1 to indicate that the bus has been taken
by another master.
[Setting conditions]
•
If the internal SDA and SDA pin disagree at the
rise of SCL in master transmit mode.
•
When the SDA pin outputs high in master mode
while a start condition is detected.
[Clearing condition]
•
When 0 is written in AL after reading AL =1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com