công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1023 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1023 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1025Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1026Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1027Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 993 of 1342
REJ09B0467-0100
17.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER is an 8-bit readable/writable register that enables or disables interrupt sources and
acknowledge bits, sets acknowledge bits to be transferred, and confirms acknowledge bits to be
received.
Bit
Bit Name
Initial Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When the TDRE bit in ICSR is set to 1, this bit
enables or disables the transmit data empty
interrupt (TXI).
0: Transmit data empty interrupt request (TXI) is
disabled.
1: Transmit data empty interrupt request (TXI) is
enabled.
6
TEIE
0
R/W
Transmit End Interrupt Enable
This bit enables or disables the transmit end
interrupt (TEI) at the rising of the ninth clock while
the TDRE bit in ICSR is 1. TEI can be canceled by
clearing the TEND bit or the TEIE bit to 0.
0: Transmit end interrupt request (TEI) is disabled.
1: Transmit end interrupt request (TEI) is enabled.
5
RIE
0
R/W
Receive Interrupt Enable
This bit enables or disables the receive data full
interrupt request (RXI) when a received data is
transferred from ICDRS to ICDRR and the RDRF
bit in ICSR is set to 1. RXI can be canceled by
clearing the RDRF or RIE bit to 0.
0: Receive data full interrupt request (RXI) is
disabled.
1: Receive data full interrupt request (RXI) is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com