công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1021 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1021 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1018Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1024Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1025Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 991 of 1342
REJ09B0467-0100
Bit
Bit Name
Initial Value
R/W
Description
1
IICRST
0
R/W
IIC Control Part Reset
This bit resets control parts except for I
2C
registers. If this bit is set to 1 when hang-up is
occurred because of communication failure during
I
2C operation, I2C control part can be reset without
setting ports and initializing registers.
0
1
Reserved
This bit is always read as 1.
17.3.3
I
2C Bus Mode Register (ICMR)
ICMR controls the master mode wait and selects the number of transfer bits.
Bit
Bit Name
Initial Value
R/W
Description
7
0
Reserved
The write value should always be 0.
6
WAIT
0
R/W
Wait Insertion
This bit selects whether to insert a wait after data
transfer except for the acknowledge bit. When
WAIT is set to 1, after the fall of the clock for the
final data bit, low period is extended for two
transfer clocks. If WAIT is cleared to 0, data and
acknowledge bits are transferred consecutively
with no wait inserted.
The setting of this bit is invalid in slave mode.
5, 4
All 1
Reserved
These bits are always read as 1.
3
BCWP
1
R/W
BC Write Protect
This bit controls the BC2 to BC0 modifications.
When modifying BC2 to BC0, this bit should be
cleared to 0 and use the MOV instruction.
0: When writing, values of BC2 to BC0 are set.
1: When reading, 1 is always read.
When writing, settings of BC2 to BC0 are
invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com