công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1020 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1020 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1016Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1018Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1022Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1023Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1024Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1020 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 990 of 1342
REJ09B0467-0100
17.3.2
I
2C Bus Control Register B (ICCRB)
ICCRB is an 8-bit readable/writable register that issues start/stop conditions, manipulates the SDA
pin, monitors the SCL pin, and controls reset in I
2C control.
Bit
Bit Name
Initial Value
R/W
Description
7
BBSY
0
R/W
Bus Busy
This bit enables to confirm whether the I
2C bus is
occupied or released and to issue start and stop
conditions in master mode. This bit is set to 1
when the SDA level changes from high to low
under the condition of SCL = high, assuming that
the start condition has been issued. This bit is
cleared to 0 when the SDA level changes from low
to high under the condition of SCL = high,
assuming that the stop condition has been issued.
Write 1 to BBSY and 0 to SCP to issue a start
condition. Follow this procedure when also re-
transmitting a start condition. Write 0 to BBSY and
0 to SCP to issue a stop condition. To issue a
start/stop condition, use the MOV instruction.
6
SCP
1
R/W
Start Condition/Stop Condition Prohibit
The SCP bit controls the issue of start/stop
conditions in master mode.
To issue a start condition, write 1 in BBSY and 0
in SCP. A retransmit start condition is issued in
the same way. To issue a stop condition, write 0 in
BBSY and 0 in SCP. This bit is always read as 1.
If 1 is written, the data is not stored.
5
SDAO
1
R
This bit monitors SDA output level. When reading
and SDA0 is 1, the SDA pin outputs high. When
reading and SDA0 is 0, the SDA pin outputs low.
The write value should always be 1.
4
1
R/W
Reserved
The write value should always be 1.
3
SCLO
1
R
This bit monitors SCL output level. When reading
and SCLO is 1, the SCL pin outputs high. When
reading and SCLO is 0, the SCL pin outputs low.
2
1
Reserved
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com