công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1018 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1018 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1014Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1015Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1016Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1018Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1019Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1020Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1021Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1022Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1018 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 988 of 1342
REJ09B0467-0100
17.3.1
I
2C Bus Control Register A (ICCRA)
ICCRA is an 8-bit readable/writable register that enables or disables the I
2C bus interface, controls
transmission or reception, and selects master or slave mode, transmission or reception, and
transfer clock frequency in master mode.
Bit
Bit Name
Initial Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: This module is halted.
1: This bit is enabled for transfer operations. (SCL
and SDA pins are bus drive state.)
6
RCVD
0
R/W
Reception Disable
This bit enables or disables the next operation
when TRS is 0 and ICDRR is read.
0: Enables next reception
1: Disables next reception
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
When arbitration is lost in master mode, MST and
TRS are both reset by hardware, causing a
transition to slave receive mode. Modification of
the TRS bit should be made between transfer
frames. In addition, TRS is set to 1 automatically
in slave receive mode if the seventh bit of the start
condition matches the slave address set in SAR
and the eighth bit is set to 1.
Operating modes are described below according
to MST and TRS combination.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3
2
1
0
CKS3
CKS2
CKS1
CKS0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer Clock Select 3 to 0
In the master mode, these bits should be set
according to the necessary transfer rate (see table
17.2). In the slave mode, they are used to secure
the data setup time in transmit mode. The data
setup time is 10 tcyc if CKS3 is cleared to 0 and
20 tcyc if CKS3 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com