công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1006 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1006 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1010Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1006 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 976 of 1342
REJ09B0467-0100
16.8.4
DMA Transfer for Endpoints 2
When the transmit data at EP2 is transferred by the DMAC, the USB function module
automatically performs the same processing as writing 1 to the PKTE bit in TRG1 if the currently
selected FIFO (64 bytes) becomes full. Accordingly, to transfer data of a multiple of 64 bytes, the
user need not write 1 to the PKTE bit in TRG1. To transfer data of less than 64 bytes, the user
must write 1 to the PKTE bit using the DMA transfer end interrupt of the on-chip DMAC. If the
user writes 1 to the PKTE bit in TRG1 when the maximum number of bytes (64 bytes) are
transferred, correct operation cannot be guaranteed.
Figure 16.22 shows an example for transmitting 150 bytes of data to the host. In this case, internal
processing which is the same as writing 1 to the PKTE bit in TRG1 is automatically performed
twice. This internal processing is performed when the currently selected data FIFO becomes full.
Accordingly, this processing is automatically performed only when 64-byte data is sent.
When the last 22 bytes are sent, the internal processing for writing 1 to the PKTE bit in TRG1 is
not performed, and the user must write 1 to the PKTE bit by software. In this case, the application
has no more data to transfer but the USB function module continues to output DMA requests for
EP2 as long as the FIFO has an empty space. When all data has been transferred, write 0 to the
EP2 DMAE bit in DMAR to cancel DMA requests for EP2.
PKTE
(Automatically
performed)
PKTE
(Automatically
performed)
PKTE is
not performed
Execute by DMA transfer
end interrupt (user)
64 bytes
64 bytes
22 bytes
Figure 16.22 PKTE Bit Operation for EP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com