công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1010 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1010 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1011Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1013Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1014Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1010 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 980 of 1342
REJ09B0467-0100
16.10.4
Assigning Interrupt Sources to EP0
The EP0-related interrupt sources indicated by the interrupt source bits (bits 0 to 3) in IFR0 must
be assigned to the same interrupt signal with ISR0. The other interrupt sources have no limitations.
16.10.5
Clearing the FIFO When DMA Transfer is Enabled
EPDR1 cannot be cleared when DMA transfer for endpoint 1 is enabled (EP1DMAE in DMAR =
1). Cancel DMA transfer before clearing the register.
16.10.6
Notes on TR Interrupt
Note the following when using the transfer request interrupt (TR interrupt) for IN transfer to EP0i,
EP2, and EP3.
The TR interrupt flag is set if the FIFO for the target EP has no data when the IN token is sent
from the USB host. However, at the timing shown in figure 16.25, multiple TR interrupts occur
successively. Take appropriate measures against malfunction in such a case.
Note:
This module determines whether to return NAK if the FIFO of the target EP has no data
when receiving the IN token, but the TR interrupt flag is set after a NAK handshake is
sent. If the next IN token is sent before PKTE of TRG is written to, the TR interrupt flag is
set again.
CPU
Host
IN token
IN token
IN token
Sets TR flag
(Sets the flag again)
Sets TR flag
Determines whether
to return NAK.
Transmits data
TR interrupt routine
Clear
TR flag
Writes
transmit data
TRG.
PKTE
TR interrupt routine
USB
NAK
Determines whether
to return NAK.
NAK
ACK
Figure 16.25 TR Interrupt Flag Set Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com