công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1009 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1009 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1011Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1013Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 979 of 1342
REJ09B0467-0100
16.10
Usage Notes
16.10.1
Receiving Setup Data
Note the following for EPDR0s that receives 8-byte setup data:
1. As a latest setup command must be received in high priority, the write from the USB bus takes
priority over the read from the CPU. If the next setup command reception is started while the
CPU is reading data after the data is received, the read from the CPU is forcibly terminated.
Therefore, the data read after reception is started becomes invalid.
2. EPDR0s must always be read in 8-byte units. If the read is terminated at a midpoint, the data
received at the next setup cannot be read correctly.
16.10.2
Clearing the FIFO
If a USB cable is disconnected during data transfer, the data being received or transmitted may
remain in the FIFO. When disconnecting a USB cable, clear the FIFO.
While a FIFO is transferring data, it must not be cleared.
16.10.3
Overreading and Overwriting the Data Registers
Note the following when reading or writing to a data register of this module.
(1) Receive data registers
The receive data registers must not be read exceeding the valid amount of receive data, that is, the
number of bytes indicated by the receive data size register. Even for EPDR1, which has double
FIFO buffers, the maximum data to be read at one time is 64 bytes. After the data is read from the
current valid FIFO buffer, be sure to write 1 to EPx RDFN in TRGx, which switches the valid
buffer, updates the receive data size to the new number of bytes, and enables the next data to be
received.
(2) Transmit data registers
The transmit data registers must not be written to exceeding the maximum packet size. Even for
EPDR2, which has double FIFO buffers, write data within the maximum packet size at one time.
After the data is written, write 1 to EPx PKTE in TRGx to switch the valid buffer and enable the
next data to be written. Data must not be continuously written to the two FIFO buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com