công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1007 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1007 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1011Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 977 of 1342
REJ09B0467-0100
16.9
Example of USB External Circuitry
1. USB Transceiver
This module supports the on-chip transceiver only, not the external transceiver.
2. D+ Pull-Up Control
The general output port (P20) is used for D+ pull-up control pin. The P20 pin is driven high by
the PULLUP_E bit of CTLR when the USB cable VBUS is connected.
Thus, USB host/hub connection notification (D+ pill-up) is enabled.
3. Detection of USB Cable Connection/Disconnection
As USB states, etc., are managed by hardware in this module, a VBUS signal that recognizes
connection/disconnection is necessary. The power supply signal (VBUS) in the USB cable is
used for this purpose. However, if the cable is connected to the USB host/hub when the
function (system installing this LSI) power is off, a voltage (5 V) will be applied from the USB
host/hub. Therefore, an IC (such as an HD74LV1G08A or 2G08A) that allows voltage
application when the system power is off should be connected externally.
Vcc
Regulator*1
Vcc
(3.3 V)
VBUS
(5 V)
1.5 k
Ω
Vcc
(3.3 V)
DrVCC
(3.3 V)
USD+
D+
VBUS*3
P20
Notes:
1.
2.
3.
Vcc
*2
USD-
DrVSS
Vss
GND
D-
USB connector
On-chip transceiver
External pull-up
control circuit
supporting full-speed
Reduce voltage to the operating voltage of this LSI (3.3 V).
To protect this LSI from being damaged, use the IC (such as HD74LV-A Series) which can
be applied voltage even when the system power is turned off.
Prevent noise from the VBUS pin while the USB is performing communication.
PULLUP_E
USB
Figure 16.23 Example of Circuitry in Bus Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com