công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1004 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1004 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1008Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 974 of 1342
REJ09B0467-0100
16.8
DMA Transfer
16.8.1
Overview
DMA transfer can be performed for endpoints 1 and 2 in this module. Note that word or longword
data cannot be transferred.
When endpoint 1 holds at least one byte of valid receive data, a DMA request for endpoint 1 is
generated. When endpoint 2 holds no valid data, a DMA request for endpoint 2 is generated.
If the DMA transfer is enabled by setting the EP1 DMAE bit in the DMA transfer setting register
to 1, zero-length data reception at endpoint 1 is ignored. When the DMA transfer is enabled, the
EP1 RDFN bit and EP2 PKTE bit do not need to be set to 1 in TRG1. (Note that the PKTE bit in
TRG1 must be set to 1 when the transfer data is less than the maximum number of bytes). When
all the data received at EP1 is read, the FIFO automatically enters the EMPTY state. When the
maximum number of bytes (64 bytes) are written to the EP2 FIFO, the FIFO automatically enters
the FULL state, and the data in the FIFO can be transmitted (see figures 16.21 and 16.22).
16.8.2
Setting for the On-chip DMAC
The on-chip DMAC should be set for USB requests (using the
DREQ signal), low-level input
activation, byte size, full-address mode transfer, and the DTA bit = 1 in the DMABCR register.
The on-chip DMAC will then be stopped after transfer has been completed the specified number
of times. However, note that the
DREQ signal continues to be asserted (held at the low level)
regardless of the state of the DMAC when the DMA transfer requests still remains in this module.
16.8.3
DMA Transfer for Endpoints 1 and 4
When the data received at EP1 is transferred by the DMAC, the USB function module
automatically performs the same processing as writing 1 to the RDFN bit in TRG1 if the currently
selected FIFO becomes empty. Accordingly, in DMA transfer, do not write 1 to the RDFN bit in
TRG1. If the user writes 1 to the RDFN bit in DMA transfer, correct operation cannot be
guaranteed.
Figure 16.21 shows an example of receiving 150 bytes of data from the host. In this case, internal
processing which is the same as writing 1 to the RDFN bit in TRG1 is automatically performed
three times. This internal processing is performed when the currently selected data FIFO becomes
empty. Accordingly, this processing is automatically performed both when 64-byte data is sent
and when data less than 64 bytes is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com