công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1000 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1000 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 996Page - Renesas Technology Corp H8S/2454 Datasheet HTML 997Page - Renesas Technology Corp H8S/2454 Datasheet HTML 998Page - Renesas Technology Corp H8S/2454 Datasheet HTML 999Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1004Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 970 of 1342
REJ09B0467-0100
16.6
Processing of USB Standard Commands and Class/Vendor
Commands
16.6.1
Processing of Commands Transmitted by Control Transfer
A command transmitted from the host by control transfer may require decoding and execution of
command processing on the application side. Whether command decoding is required on the
application side is indicated in table 16.7 below.
Table 16.7
Command Decoding on Application Side
Decoding not Necessary on Application Side
Decoding Necessary on Application Side
Clear Feature
Get Configuration
Get Interface
Get Status
Set Address
Set Configuration
Set Feature
Set Interface
Get Descriptor
Class/Vendor command
Set Descriptor
Sync Frame
If decoding is not necessary on the application side, command decoding and data stage and status
stage processing are performed automatically. No processing is necessary by the user. An interrupt
is not generated in this case.
If decoding is necessary on the application side, this module stores the command in the EP0s
FIFO. After reception is completed successfully, the IFR1/SETUP TS flag is set and an interrupt
request is generated. In the interrupt routine, eight bytes of data must be read from the EP0s data
register (EPDR0s) and decoded by firmware. The necessary data stage and status stage processing
should then be carried out according to the result of the decoding operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com