công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 997 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 997 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 993Page - Renesas Technology Corp H8S/2454 Datasheet HTML 994Page - Renesas Technology Corp H8S/2454 Datasheet HTML 995Page - Renesas Technology Corp H8S/2454 Datasheet HTML 996Page - Renesas Technology Corp H8S/2454 Datasheet HTML 997Page - Renesas Technology Corp H8S/2454 Datasheet HTML 998Page - Renesas Technology Corp H8S/2454 Datasheet HTML 999Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1001Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 967 of 1342
REJ09B0467-0100
16.5.7
EP2 Bulk-In Transfer
USB function
Application
IN token reception
Data transmission to host
Clear EP2 transfer
request flag.
(IFR2.EP2 TR = 0)
Write 1 to EP2 FIFO
empty interrupt bit.
(IER2.EP2 EMPTY = 1)
IFR2.EP2 EMPTY interrupt
Write one packet of data
to EP2 data register.
(EPDR2)
Write 1 to EP2 packet
enable bit.
(TRG1.EP2 PKTE = 1)
Set EP2
empty status.
(IFR2.EP2
EMPTY = 1)
Valid data
in EP2 FIFO?
NAK
ACK
Yes
No
Clear EP2 empty status.
(IFR2.EP2 EMPTY = 0)
Space
in EP2 FIFO?
No
Yes
Interrupt
request
Interrupt
request
Set EP2 transfer
request flag.
(IFR2.EP2TR = 1)
Figure 16.17 EP2 Bulk-In Transfer Operation
(1) Dual FIFOs (EP2)
EP2 has two 64-byte FIFOs, but the user can transmit data and write transmit data without being
aware of this dual-FIFO configuration. However, one data write is performed for one FIFO. For
example, even if both FIFOs are empty, it is not possible to perform EP2 PKTE at one time after
consecutively writing 128 bytes of data. EP2 PKTE must be performed for each 64-byte write.
When performing bulk-in transfer, as there is no valid data in the FIFOs on reception of the first
IN token, an EP2 TR bit interrupts in IFR2 is requested. With this interrupt, 1 is written to the EP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com