công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 993 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 993 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 989Page - Renesas Technology Corp H8S/2454 Datasheet HTML 990Page - Renesas Technology Corp H8S/2454 Datasheet HTML 991Page - Renesas Technology Corp H8S/2454 Datasheet HTML 992Page - Renesas Technology Corp H8S/2454 Datasheet HTML 993Page - Renesas Technology Corp H8S/2454 Datasheet HTML 994Page - Renesas Technology Corp H8S/2454 Datasheet HTML 995Page - Renesas Technology Corp H8S/2454 Datasheet HTML 996Page - Renesas Technology Corp H8S/2454 Datasheet HTML 997Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 993 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 963 of 1342
REJ09B0467-0100
(3) Data Stage (Control-Out)
USB function
Application
OUT token reception
Data reception from host
OUT token reception
Set EP0o reception
complete flag.
(IFR1.EP0o TS = 1)
Clear EP0o reception
complete flag.
(IFR1.EP0o TS = 0)
Read data from EP0o
receive data size register
(EPSZ0o).
Write 1 to EP0o read
complete bit.
(TRG0.EP0o RDFN = 1)
Read data from EP0o
data register (EPDR0o).
1 written
to TRG0.EP0s
RDFN?
1 written
to TRG0.EP0o
RDFN?
NAK
NAK
ACK
No
Yes
No
Yes
Interrupt request
Figure 16.13 Data Stage (Control-Out) Operation
The application first analyzes command data from the host in the setup stage, and determines the
subsequent data stage direction. If the result of command data analysis is that the data stage is out-
transfer, the application waits for data from the host, and after data is received (EP0o TS bit in
IFR1 = 1), reads data from the FIFO. Next, the application writes 1 to the EP0o read complete bit,
empties the receive FIFO, and waits for reception of the next data.
The end of the data stage is identified when the host transmits an IN token and the status stage is
entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com