công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 992 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 992 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 988Page - Renesas Technology Corp H8S/2454 Datasheet HTML 989Page - Renesas Technology Corp H8S/2454 Datasheet HTML 990Page - Renesas Technology Corp H8S/2454 Datasheet HTML 991Page - Renesas Technology Corp H8S/2454 Datasheet HTML 992Page - Renesas Technology Corp H8S/2454 Datasheet HTML 993Page - Renesas Technology Corp H8S/2454 Datasheet HTML 994Page - Renesas Technology Corp H8S/2454 Datasheet HTML 995Page - Renesas Technology Corp H8S/2454 Datasheet HTML 996Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 992 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 962 of 1342
REJ09B0467-0100
(2) Data Stage (Control-In)
USB function
Application
IN token reception
Data transmission to host
Set EP0i transmission
complete flag.
(IFR1.EP0i TS = 1)
From setup stage
Write data to EP0i
data register (EPDR0i).
Write 1 to EP0i packet
enable bit.
(TRG0.EP0i PKTE = 1)
Clear EP0i transmission
complete flag.
(IFR1.EP0i TS = 0)
Write 1 to EP0i packet
enable bit.
(TRG0.EP0i PKTE = 1)
Write data to EP0i
data register (EPDR0i).
1 written
to TRG0.EP0s
RDFN?
Valid data
in EP0i FIFO?
NAK
NAK
No
No
Yes
Yes
ACK
Interrupt
request
Figure 16.12 Data Stage (Control-In) Operation
The application first analyzes command data from the host in the setup stage, and determines the
subsequent data stage direction. If the result of command data analysis is that the data stage is in-
transfer, one packet of data to be sent to the host is written to the FIFO. If there is more data to be
sent, this data is written to the FIFO after the data written first has been sent to the host (EP0i TS
bit in IFR1 = 1).
The end of the data stage is identified when the host transmits an OUT token and the status stage
is entered.
Note:
If the size of the data transmitted by the function is smaller than the data size requested by
the host, the function indicates the end of the data stage by returning to the host a packet
shorter than the maximum packet size. If the size of the data transmitted by the function is
an integral multiple of the maximum packet size, the function indicates the end of the data
stage by transmitting a zero-length packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com