công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 996 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 996 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 992Page - Renesas Technology Corp H8S/2454 Datasheet HTML 993Page - Renesas Technology Corp H8S/2454 Datasheet HTML 994Page - Renesas Technology Corp H8S/2454 Datasheet HTML 995Page - Renesas Technology Corp H8S/2454 Datasheet HTML 996Page - Renesas Technology Corp H8S/2454 Datasheet HTML 997Page - Renesas Technology Corp H8S/2454 Datasheet HTML 998Page - Renesas Technology Corp H8S/2454 Datasheet HTML 999Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1000Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 966 of 1342
REJ09B0467-0100
16.5.6
EP1 Bulk-Out Transfer
USB function
Application
OUT token reception
Data reception from host
Set EP1 FIFO full status.
(IFR2.EP1 FULL = 1)
Clear EP1 FIFO full status.
(IFR2.EP1 FULL = 0)
Read EP1 receive data
size register (EPSZ1).
Read data from EP1
data register (EPDR1).
Write 1 to EP1 read
complete bit.
(TRG1.EP1 RDFN = 1)
Space
in EP1 FIFO?
No
Yes
No
Yes
NAK
ACK
Interrupt
request
Interrupt request
Figure 16.16 EP1 Bulk-Out Transfer Operation
•
Dual FIFOs (EP1)
EP1 has two 64-byte FIFOs, but the user can receive data and read receive data without being
aware of this dual-FIFO configuration.
When one FIFO is full after reception is completed, the EP1 FULL bit in IFR2 is set. After the
first receive operation into one of the FIFOs when both FIFOs are empty, the other FIFO is empty,
and so the next packet can be received immediately. When both FIFOs are full, NAK is returned
to the host automatically. When reading of the receive data is completed following data reception,
1 is written to the EP1 RDFN bit in TRG1. This operation empties the FIFO that has just been
read, and makes it ready to receive the next packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com