công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 995 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 995 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 991Page - Renesas Technology Corp H8S/2454 Datasheet HTML 992Page - Renesas Technology Corp H8S/2454 Datasheet HTML 993Page - Renesas Technology Corp H8S/2454 Datasheet HTML 994Page - Renesas Technology Corp H8S/2454 Datasheet HTML 995Page - Renesas Technology Corp H8S/2454 Datasheet HTML 996Page - Renesas Technology Corp H8S/2454 Datasheet HTML 997Page - Renesas Technology Corp H8S/2454 Datasheet HTML 998Page - Renesas Technology Corp H8S/2454 Datasheet HTML 999Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 995 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 965 of 1342
REJ09B0467-0100
(5) Status Stage (Control-Out)
USB function
Application
IN token reception
0-byte transmission to host
End of control transfer
Set EP0i transmission
complete flag.
(IFR1.EP0i TS = 1)
Clear EP0i transfer
request flag.
(IFR1.EP0i TR = 0)
Write 1 to EP0i packet
enable bit.
(TRG0.EP0i PKTE = 1)
Clear EP0i transmission
complete flag.
(IFR1.EP0i TS = 0)
End of control transfer
Valid data
in EP0i FIFO?
ACK
Yes
No
NAK
Interrupt request
Interrupt request
Figure 16.15 Status Stage (Control-Out) Operation
The control-out status stage starts with an IN token from the host. When an IN-token is received at
the start of the status stage, there is not yet any data in the EP0i FIFO, and so an EP0i transfer
request interrupt is generated. The application recognizes from this interrupt that the status stage
has started. Next, in order to transmit 0-byte data to the host, 1 is written to the EP0i packet enable
bit but no data is written to the EP0i FIFO. As a result, the next IN token causes 0-byte data to be
transmitted to the host, and control transfer ends.
After the application has finished all processing relating to the data stage, 1 should be written to
the EP0i packet enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com