công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1002 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1002 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 998Page - Renesas Technology Corp H8S/2454 Datasheet HTML 999Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1000Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1001Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1002Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1003Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1004Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1006Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1376 page
background image
Section 16 USB Function Module (USB)
Rev. 1.00 Sep. 19, 2008 Page 972 of 1342
REJ09B0467-0100
(1) Transition from normal operation to stall
(1-1)
Transaction request
USB
Reference
(1-2)
STALL handshake
Stall
To (2-1) or (3-1)
Normal status restored
(1-3)
(2) When Clear Feature is sent after EPSTL is cleared
(2-1)
STALL handshake
Transaction request
(2-2)
Clear Feature command
Clear Feature command
(2-3)
(3) When Clear Feature is sent before EPSTL is cleared to 0
(3-1)
1. 1 written to EPSTL
by application
1. IN/OUT token
received from host
2. EPSTL referenced
1. Transmission of
STALL handshake
1. Internal status bit
cleared to 0
1. Internal status bit
cleared to 0
2. EPSTL not changed
1. 1 set in EPSTL
2. Internal status bit
set to 1
3. Transmission of
STALL handshake
1. EPSTL cleared to 0
by application
2. IN/OUT token
received from host
3. Internal status bit
already set to 1
4. EPSTL not
referenced
5. Internal status bit
not changed
To (1-2)
Internal status bit
0
EPSTL
0
→ 1
Internal status bit
0
EPSTL
1
Internal status bit
0
→ 1
EPSTL
1
Internal status bit
1
EPSTL
1
→ 0
Internal status bit
1
EPSTL
0
Internal status bit
1
→ 0
EPSTL
0
Internal status bit
1
→ 0
EPSTL
1
Figure 16.19 Forcible Stall by Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com