công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 158 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 158 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 154Page - Renesas Technology Corp M30623SC Datasheet HTML 155Page - Renesas Technology Corp M30623SC Datasheet HTML 156Page - Renesas Technology Corp M30623SC Datasheet HTML 157Page - Renesas Technology Corp M30623SC Datasheet HTML 158Page - Renesas Technology Corp M30623SC Datasheet HTML 159Page - Renesas Technology Corp M30623SC Datasheet HTML 160Page - Renesas Technology Corp M30623SC Datasheet HTML 161Page - Renesas Technology Corp M30623SC Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 5V)
157
Table 1.20.4. A-D conversion characteristics (referenced to VCC = AVCC = VREF = 5V, Vss = AVSS = 0V
at Ta = 25oC, f(XIN) = 16MHz unless otherwise specified)
VCC = 5V
µs
Standard
Min.
Typ. Max.
Resolution
Absolute
accuracy
Bits
LSB
VREF = VCC
±3
10
Symbol
Parameter
Measuring condition
Unit
VREF = VCC = 5V
RLADDER
tCONV
Ladder resistance
Conversion time(10bit)
Reference voltage
Analog input voltage
k
V
VIA
VREF
V
0
2
10
VCC
VREF
40
3.3
Conversion time(8bit)
2.8
tCONV
tSAMP
Sampling time
0.3
VREF = VCC
Sample & hold function not available
Sample & hold function available(10bit)
AN0 to AN7 input
ANEX0, ANEX1 input,
External op-amp connection mode
VREF =VCC
= 5V
LSB
LSB
±7
Sample & hold function available(8bit)
VREF = VCC = 5V
±2
LSB
Min.
Typ.
Max.
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
mA
IVREF
1.0
1.5
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
µs
(
Note)
Standard
µs
µs
±3
Note: Divide the frequency if f(XIN) exceeds 10 MHz, and make ØAD equal to or lower than 10 MHz.
Table 1.20.5. D-A conversion characteristics (referenced to VCC = 5V, VSS = AVSS = 0V, VREF = 5V
at Ta = 25oC, f(XIN) = 16MHz unless otherwise specified)
k
Ω
k
Ω
Note: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to “0016”.
The A-D converter's ladder resistance is not included.
Also, when DA register contents are not “00”, the current IVREF always flows even though Vref may
have been set to be “unconnected” by the A-D control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com