công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 78 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 78 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 74Page - Renesas Technology Corp M30623SC Datasheet HTML 75Page - Renesas Technology Corp M30623SC Datasheet HTML 76Page - Renesas Technology Corp M30623SC Datasheet HTML 77Page - Renesas Technology Corp M30623SC Datasheet HTML 78Page - Renesas Technology Corp M30623SC Datasheet HTML 79Page - Renesas Technology Corp M30623SC Datasheet HTML 80Page - Renesas Technology Corp M30623SC Datasheet HTML 81Page - Renesas Technology Corp M30623SC Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
77
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• The timer counts down
• When the count reaches 000016, the timer stops counting after reloading a new count
• If a trigger occurs when counting, the timer reloads a new count and restarts counting
Divide ratio
1/n
n : Set value
Count start condition
• An external trigger is input
• The timer overflows
• The one-shot start flag is set (= 1)
Count stop condition
• A new count is reloaded after the count has reached 000016
• The count start flag is reset (= 0)
Interrupt request generation timing
The count reaches 000016
TAiIN pin function
Programmable I/O port or trigger input
TAiOUT pin function
Programmable I/O port or pulse output
Read from timer
When timer Ai register is read, it indicates an indeterminate value
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload
register and counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Table1.13.4. Timer specifications in one-shot timer mode
Figure 1.13.10. Timer Ai mode register in one-shot timer mode
(3) One-shot timer mode
In this mode, the timer operates only once. (See Table 1.13.4.) When a trigger occurs, the timer starts up and
continues operating for a given period. Figure 1.13.10 shows the timer Ai mode register in one-shot timer mode.
Bit name
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i = 0 to 4) 039616 to 039A16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
1 0 : One-shot timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 : Pulse is not output
(TAiOUT pin is a normal port pin)
1 : Pulse is output (Note 1)
(TAiOUT pin is a pulse output pin)
MR2
MR1
MR3
0 (Must always be “0” in one-shot timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
10
0
0 : One-shot start flag is valid
1 : Selected by event/trigger select
register
Trigger select bit
External trigger select
bit (Note 2,4)
0 : Falling edge of TAiIN pin's input signal (Note 3)
1 : Rising edge of TAiIN pin's input signal (Note 3)
Note 1: The settings of the corresponding port register and port direction register are invalid.
Note 2: Valid only when the TAiIN pin is selected by the event/trigger select bit
(addresses 038216 and 038316). If timer overflow is selected, this bit can be “1” or “0”.
Note 3: Set the corresponding port direction register to “0”.
Note 4: Set these bits "0" in timer A1 and A2 mode registers.
W
R
(Note 4)
Note: Timer A1 and A2 do not have I/O port (TAiIN and TAiOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com