công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 88 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 88 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 84Page - Renesas Technology Corp M30623SC Datasheet HTML 85Page - Renesas Technology Corp M30623SC Datasheet HTML 86Page - Renesas Technology Corp M30623SC Datasheet HTML 87Page - Renesas Technology Corp M30623SC Datasheet HTML 88Page - Renesas Technology Corp M30623SC Datasheet HTML 89Page - Renesas Technology Corp M30623SC Datasheet HTML 90Page - Renesas Technology Corp M30623SC Datasheet HTML 91Page - Renesas Technology Corp M30623SC Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
87
Figure 1.14.1. Block diagram of UARTi (i = 0 to 2)
n0 : Values set to UART0 bit rate generator (BRG0)
n1 : Values set to UART1 bit rate generator (BRG1)
n2 : Values set to UART2 bit rate generator (BRG2)
RxD2
Reception
control circuit
Transmission
control circuit
1 / (n2+1)
1/16
1/16
1/2
Bit rate generator
(address 037916)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Receive
clock
Transmit
clock
f1
f8
f32
TxD2
(UART2)
RxD polarity
reversing circuit
TxD
polarity
reversing
circuit
RxD0
1 / (n0+1)
1/2
Bit rate generator
(address 03A116)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK0
Clock source selection
CTS0 / RTS0
f1
f8
f32
Reception
control circuit
Transmission
control circuit
Internal
External
Vcc
RTS0
CTS0
TxD0
Transmit/
receive
unit
RxD1
1 / (n1+1)
1/16
1/16
1/2
Bit rate generator
(address 03A916)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK1
Clock source selection
f1
f8
f32
Reception
control circuit
Transmission
control circuit
Internal
External
RTS1
CTS1
TxD1
(UART1)
(UART0)
CLK
polarity
reversing
circuit
CLK
polarity
reversing
circuit
CTS/RTS disabled
CTS/RTS separated
Clock output pin
select switch
CTS1 / RTS1
/ CTS0 / CLKS1
CTS/RTS disabled
CTS0 from UART1
CTS/RTS selected
CTS/RTS disabled
VCC
CTS0 to UART0
CTS0
CTS/RTS disabled
CTS/RTS separated
Internal
Clock source selection
Transmit/
receive
unit
Transmit/
receive
unit
1/16
1/16
Note: CLK and CTS/RTS of UART2 do not connect to outside.
Clock synchronous serial I/O mode cannot be used in UART2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com