công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 52 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 52 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 48Page - Renesas Technology Corp M30623SC Datasheet HTML 49Page - Renesas Technology Corp M30623SC Datasheet HTML 50Page - Renesas Technology Corp M30623SC Datasheet HTML 51Page - Renesas Technology Corp M30623SC Datasheet HTML 52Page - Renesas Technology Corp M30623SC Datasheet HTML 53Page - Renesas Technology Corp M30623SC Datasheet HTML 54Page - Renesas Technology Corp M30623SC Datasheet HTML 55Page - Renesas Technology Corp M30623SC Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 231 page
background image
______
INT Interrupt
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
51
______
INT Interrupt
________
_______
INT0 to INT2 are triggered by the edges of external inputs. The edge polarity is selected using the polarity
select bit.
As for external interrupt input, an interrupt can be generated both at the rising edge and at the falling edge
by setting “1” in the INTi interrupt polarity switching bit of the interrupt request cause select register
(035F16). To select both edges, set the polarity switching bit of the corresponding interrupt control register
to ‘falling edge’ (“0”).
Figure 1.10.10 shows the Interrupt request cause select register.
Figure 1.10.10. Interrupt request cause select register
Interrupt request cause select register
Bit name
Function
Bit symbol
W
R
Symbol
Address
When reset
IFSR
035F16
0016
IFSR0
b7
b6
b5
b4
b3
b2
b1
b0
INT0 interrupt polarity
switching bit
0 : SIO3
1 : INT4
0 : SIO4
1 : INT5
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
0 : One edge
1 : Two edges
INT1 interrupt polarity
switching bit
INT2 interrupt polarity
switching bit
INT3 interrupt polarity
switching bit (Note 1)
INT4 interrupt polarity
switching bit (Note 1)
INT5 interrupt polarity
switching bit (Note 1)
0 : One edge
1 : Two edges
Interrupt request cause
select bit
Interrupt request cause
select bit
IFSR1
IFSR2
IFSR3
IFSR4
IFSR5
IFSR6
IFSR7
Note 1: INT3 to INT5 interrupts cannot be used in M16C/62 (80-pin version) group. Thus,
the setting value of these bits are invalid.
Note 2: INT3 to INT5 interrupts cannot be used in M16C/62 (80-pin version) group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com