| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30623SC bảng dữ liệu(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30623SC bảng dữ liệu(HTML) 40 Page - Renesas Technology Corp |
|
40 / 231 page ![]() Interrupt Mitsubishi microcomputers M16C / 62 Group (80-pin) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 39 Interrupt source Vector table addresses Remarks Address (L) to address (H) Undefined instruction FFFDC16 to FFFDF16 Interrupt on UND instruction Overflow FFFE016 to FFFE316 Interrupt on INTO instruction BRK instruction FFFE416 to FFFE716 If the vector contains FF16, program execution starts from the address shown by the vector in the variable vector table Address match FFFE816 to FFFEB16 There is an address-matching interrupt enable bit Single step (Note) FFFEC16 to FFFEF16 Do not use Watchdog timer FFFF016 to FFFF316 ________ DBC (Note) FFFF416 to FFFF716 Do not use NMI FFFF816 to FFFFB16 _______ External interrupt by input to NMI pin Reset FFFFC16 to FFFFF16 Note: Interrupts used for debugging purposes only. Figure 1.10.2. Format for specifying interrupt vector addresses Mid address Low address 0 0 0 0 High address 0 0 0 0 0 0 0 0 Vector address + 0 Vector address + 1 Vector address + 2 Vector address + 3 LSB MSB Interrupts and Interrupt Vector Tables If an interrupt request is accepted, a program branches to the interrupt routine set in the interrupt vector table. Set the first address of the interrupt routine in each vector table. Figure 1.10.2 shows the format for specifying the address. Two types of interrupt vector tables are available — fixed vector table in which addresses are fixed and variable vector table in which addresses can be varied by the setting. • Fixed vector tables The fixed vector table is a table in which addresses are fixed. The vector tables are located in an area extending from FFFDC16 to FFFFF16. One vector table comprises four bytes. Set the first address of interrupt routine in each vector table. Table 1.10.1 shows the interrupts assigned to the fixed vector tables and addresses of vector tables. Table 1.10.1. Interrupts assigned to the fixed vector tables and addresses of vector tables |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |