| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30623SC bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30623SC bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 231 page ![]() Mitsubishi microcomputers M16C / 62 Group (80-pin) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Reset 15 ____________ Table 1.6.1 shows the statuses of the other pins while the RESET pin level is “L”. Figures 1.6.3 and 1.6.4 show the internal status of the microcomputer immediately after the reset is cancelled. ____________ Table 1.6.1. Pin status when RESET pin level is “L” Status CNVSS = VSS Pin name P0, P2, P3, P40 to P43, P5, P6, P70, P71, P76, P77, P80 to P84, Input port (floating) P86, P87, P90, P92 to P97, P10 |